PART |
Description |
Maker |
FS1209DH FS1209BH FS1209MH FS1210BH |
Standard Gate SCRs 600 V, standard SCR 200 V, standard SCR 400 V, standard SCR
|
Fagor
|
TN1215-X00B TN1215-X00B-TR TN1215-X00G-TR TN1215-X |
Sensitive and Standard 12 A SCRS 12 A, 600 V, SCR 12 A, 1000 V, SCR, TO-220AB
|
STMicroelectronics
|
APT15GT60BRG |
Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: TO-247 [B]; BV(CES) (V): 600; VCE(sat) (V): 2; IC (A): 15; 30 A, 600 V, N-CHANNEL IGBT, TO-247
|
Microsemi, Corp.
|
TYNX16RG |
16 A standard SCRs
|
STMicroelectronics
|
MCR8DSNT4 MCR8DSMT4 ON1833 |
SCRs 8 AMPERES RMS 600 thru 800 VOLTS From old datasheet system
|
ON Semi
|
MCR100-6 MCR100-8 ON1794 |
SCRs 0.8 AMPERE RMS 400 thru 600 VOLTS From old datasheet system
|
ON Semi
|
B2RG |
Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: T-MAX™ [B2]; BV(CES) (V): 600; VCE(sat) (V): 2; IC (A): 100;
|
MICROSEMI POWER PRODUCTS GROUP
|
S2065J S2065P S6065J S6065P S1004F1 S1020L S4004F1 |
SCRs 1-70 AMPS NON-SENSITIVE GATE 可控-70 AMPS二元非敏感门 FF-ST4 Basic Series, Type 4 Safety Light Curtains With Automatic Restart INDUCTOR 220UH 20% 1007 SMD Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:16-8 COMMON MODE CHOKE COIL,SMD,RC TYPE,TAPED RoHS Compliant: Yes ST Series Brass Pressure Sensor with Silicon Diaphragm, Amplified Output, Gage, 0 psi to 100 psi SCRs 1-70 AMPS NON-SENSITIVE GATE
|
Intel, Corp. Electronic Theatre Controls, Inc. TECCOR[Teccor Electronics] Littelfuse
|
12PT06AI-S 12FT08G-S 12FT08G-T 12FT06F-S 12FT06F-T |
Sensitive and Standard SCRs, 12A
|
Nell Semiconductor Co., Ltd
|
MCR310-10G MCR310-6G MCR310-8G |
SENSITIVE & STANDARD(10A SCRs)
|
Thinki Semiconductor Co., Ltd. Thinki Semiconductor Co...
|